Part Number Hot Search : 
XC2V2000 30TPS08 SB105 00390 RF160 MP2463 10F40C3 D101R
Product Description
Full Text Search
 

To Download RB15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB150 - RB158
PRV : 50 - 800 Volts Io : 1.5 Amperes
FEATURES :
* * * * * * * High surge current capability High reliability Low reverse current Low forward voltage drop High case dielectric strength of 2000 VDC Ideal for printed circuit board Pb / RoHS Free
SILICON BRIDGE RECTIFIERS
RB
0.71 (18.0) 0.63 (16.0)
0.825 (20.95) 0.605 (15.36)
AC
+ AC
0.035 (0.89) 0.028 (0.71) 0.16 (4.00) 0.14 (3.55) 0.276 (7.01) 0.236 (5.99)
0.500 (12.7) MIN.
MECHANICAL DATA :
* Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 3.4 grams
0.105 (2.66) 0.085 (2.16)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc=50C Peak Forward Surge Current, Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage per Diode at IF = 1 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
Note :
SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) RJL TJ TSTG
RB150 50 35 50
RB151 100 70 100
RB152 200 140 200
RB154 400 280 400
RB156 600 420 600
RB158 800 560 800
UNIT V V V A A V A A C/W C C
1.5 40 0.95 10 100 15 - 40 to + 140 - 40 to + 140
Ta = 25 C Ta = 100 C
1 ) Thermal resistance from Junction to lead mounted on P.C. Board with 0.47" X 0.47" ( 12mm X 12mm ) Cu pads.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( RB150 - RB158 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
2.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
40
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
100 120 140
35 30 25 20 15 10 5 0
1.5
1.0
0.5
P.C. Board Mounted with 0.47" X 0.47" ( 12mm X 12mm ) Cu. pads. 0 20 40 60 80
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
10
PER DIODE FORWARD CURRENT, AMPERES
TJ = 100 C
1.0
1.0
TJ = 25 C
0.1
0.1
TJ = 25 C
0.01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
0.01
0
20
40
60
80
100
120
140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of RB15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X